Part Number Hot Search : 
MB85420 LF157 2SD946P 74LCX126 07028 MAX3229 BC550B MMBTA921
Product Description
Full Text Search
 

To Download KN14-10LF-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  terminals nylon insulated locking fork terminals catalog wire bolt dimension number range size (d2) kn18-6lf-m #6 .146 .252 3.7 6.4 kn18-8lf-m #8 .169 .283 4.3 7.2 kn18-10lf-m #10 .209 .319 5.3 8.1 kn14-6lf-m #6 .146 .236 3.7 6.0 kn14-8lf-m #8 .169 .283 4.3 7.2 KN14-10LF-M #10 .209 .319 5.3 8.1 kn10-6lf-d #6 .146 .327 3.7 8.3 kn10-8lf-d #8 .169 .327 4.3 8.3 kn10-10lf-d #10 .209 .354 5.3 9.0 .256 .866 .433 .177 .067 .030 6.5 22.0 11.0 4.5 1.7 0.75 .256 .866 .433 .205 .091 .031 6.5 22.0 11.0 5.2 2.3 0.8 .276 .992 .512 .276 .134 .039 7.0 25.2 13.0 7.0 3.4 1.0 inch mm 22-16 a.w.g. 0.5-1.5 mm 2 16-14 a.w.g. 1.5-2.5 mm 2 12-10 a.w.g. 4-6 mm 2 wf l edd1t box quantity: (d)=500; (m)=1000 for mylar tape replace box quantity with (t). example: kn18-6lf-t ul file #e9809, csa file #lr4503 see pages in back of catalog for complete tool information. tool and die selection chart on page m42. maximum electrical rating: 105?c 600 volts max. terminal material: copper ? metal insulation sleeve ? molded insulator ? internal barrel serrations ? funnel entry vinyl insulated locking fork terminals catalog wire bolt dimension number range size (d2) kv18-6lf-m #6 .146 .252 3.7 6.4 kv18-8lf-m #8 .169 .283 4.3 7.2 kv18-10lf-m #10 .209 .319 5.3 8.1 kv14-6lf-m #6 .146 .236 3.7 6.0 kv14-8lf-m #8 .169 .283 4.3 7.2 kv14-10lf-m #10 .209 .319 5.3 8.1 kv10-6lf-d #6 .146 .327 3.7 8.3 kv10-8lf-d #8 .169 .327 4.3 8.3 kv10-10lf-d #10 .209 .354 5.3 9.0 .256 .866 .433 .157 .067 .030 6.5 22.0 11.0 4.0 1.7 0.75 .256 .866 .433 .177 .091 .031 6.5 22.0 11.0 4.5 2.3 0.8 .276 .992 .512 .252 .134 .039 7.0 25.2 13.0 6.4 3.4 1.0 inch mm 22-16 a.w.g. 0.5-1.5 mm 2 16-14 a.w.g. 1.5-2.5 mm 2 12-10 a.w.g. 4-6 mm 2 wfle dd1t box quantity: (d)=500; (m)=1000 for mylar tape replace box quantity with (t). example: kv18-6lf-t ul file #e9809, csa file #lr4503 see pages in back of catalog for complete tool information. tool and die selection chart on page m42. maximum electrical rating: 105?c 600 volts max. terminal material: copper ? molded funnel entry insulator ? internal barrel serrations ? ? ? ? m16 ? 2002 thomas & betts corporation. specifications are subject to change without notice. www.tnb.com erg2500 tools used with nylon and vinyl insulated locking fork terminals kt-2500 m spec-kon ? 412031.m01 spec 3/5 3/14/03 10:41 am page 16


▲Up To Search▲   

 
Price & Availability of KN14-10LF-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X